Part Number Hot Search : 
MDR6100 B222M TVV030 SW635 B222M GBL10 7C331 SD2000A
Product Description
Full Text Search
 

To Download GBJ35M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
GBJ35A - GBJ35M
Pb
35A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
! Glass Passivated Die Construction A
GBJ-6 Dim Min Max 29.7 30.3 A 19.7 20.3 B -- 5.0 C 17.0 18.0 D 3.8 4.2 E 3.1O 3.4O G 2.3 2.7 H 0.9 1.1 J 1.8 2.2 K 0.6 0.8 L 4.4 4.8 M 3.4 3.8 N 9.8 10.2 P 7.3 7.7 R 10.8 11.2 S 2.3 2.7 T All Dimensions in mm
! Low Forward Voltage Drop ! High Current Capability G ! High Reliability ! High Surge Current Capability ! Ideal for Printed Circuit Boards C ! Recognized File # E157705 H J
B
+ ~ ~ -
K E P M N R R
D
Mechanical Data
! ! ! ! ! ! ! Case: GBJ-6, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Body Weight: 7.0 grams (approx.) Mounting Position: Any Mounting Torque: 10 cm-kg (8.8 in-lbs) Max. Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4
S
G
T L
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. GBJ 35A 50 35
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 100C (Note 1) Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage per diode Peak Reverse Current At Rated DC Blocking Voltage @IF = 17.5A @TA = 25C @TA = 125C
Symbol VRRM VRWM VR VR(RMS) IO
GBJ 35B 100 70
GBJ 35D 200 140
GBJ 35G 400 280 35
GBJ 35J 600 420
GBJ 35K 800 560
GBJ 35M 1000 700
Unit
V V A
IFSM VFM IR RJA RJC Tj, TSTG
350 1.1 10 350 22 1.0 -55 to +150
A V A C/W C/W C
Typical Thermal Resistance per leg (Note 2) Typical Thermal Resistance per leg (Note 1) Operating and Storage Temperature Range
Note: 1. Device mounted on 220 x 220 x 1.6mm thick Al plate heatsink. 2. Device mounted on P.C.B. without heatsink.
GBJ35A - GBJ35M
1 of 4
(c) 2006 Won-Top Electronics
30
IF, INSTANTANEOUS FORWARD CURRENT (A)
40 IF, AVERAGE FORWARD CURRENT (A)
100
10
20
1.0
10
0.1
Tj = 25C
Resistive or Inductive load
Pulse Width = 300s
0
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0
25
50
75
100
125
150
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
300
Cj, CAPACITANCE (pF)
Tj = 150C
200
100
100
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current 100
Tj = 125C
100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (A)
10
1.0
0.1
Tj = 25C
0.01 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
GBJ35A - GBJ35M
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
WTE GBJ
+ ~
35x
~ -
WTE GBJ35x x Polarity
= Manufacturer's Logo = Device Number = A, B, D, G, J, K or M = As Marked on Body
PACKAGING INFORMATION
BULK
Tube Size L x W x H (mm) 475 x 40 x 7 Quantity (PCS) 15 Inner Box Size L x W x H (mm) 490 x 145 x 135 Quantity (PCS) 750 Carton Size L x W x H (mm) 510 x 305 x 160 Quantity (PCS) 1,500 Approx. Gross Weight (KG) 16.0
Note: 1. Anti-static tube, water clear color.
GBJ35A - GBJ35M
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
GBJ35A GBJ35B GBJ35D GBJ35G GBJ35J GBJ35K GBJ35M
1. 2.
Package Type
SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge SIL Bridge
Shipping Quantity
15 Units/Tube 15 Units/Tube 15 Units/Tube 15 Units/Tube 15 Units/Tube 15 Units/Tube 15 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, GBJ35A-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
GBJ35A - GBJ35M
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of GBJ35M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X